PART |
Description |
Maker |
NCP1216AD100R2G NCP1216AP100G NCP1216D133R2G NCP12 |
PWM Current-Mode Controller for High-Power Universal Off-line Supplies; Package: PDIP (8 Minus Pin 7); No of Pins: 7; Container: Rail; Qty per Container: 1000 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current-Mode Controller for High-Power Universal Off-line Supplies with 50% Duty Cycle max; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
|
ON Semiconductor
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
KIA3842P KIA3842F |
Current Mode PWM Controller HIGH PERFORMANCE CURRENT MODE CONTROLLER
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
NCP1253ASN65T1G NCP1253BSN100T1G NCP1253BSN65T1G N |
Current-Mode PWM Controller for Off-line Power Supplies Current-Mode PWM Current-Mode PWM Power Supplies
|
ON Semiconductor
|
NCP1207-D NCP1207DR2G |
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation PWM电流模式控制器上运行的免费准谐振操作 PWM Current-Mode Controller for Free Running Quasi-Resonant Operation 0.5 A SWITCHING CONTROLLER, PDSO8
|
ON Semiconductor
|
NCP1361EABAYSNT1G NCP1361BABAYSNT1G NCP1366AABAYDR |
Low Power Offline Constant Current PWM Current-Mode Controller
|
ON Semiconductor
|
26001601 |
Low-Cost, Current-Mode PWM Buck Controller with Foldback Current Limit SNAPFIT性病型灰100
|
Vishay Intertechnology, Inc.
|
IDT71T75602S133BG IDT71T75802S200BG IDT71T75802S20 |
512K x 36/ 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 2.5V 512K X 36 ZBT Synchronous 2.5V I/O PipeLine SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K x 36, 1M x 18 2.5V Synchronous ZBT?/a> SRAMs 2.5V I/O, Burst Counter Pipelined Outputs BULK COAXIAL CABLE; RE-SHAPABLE VERSION OF PE-047SR 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 4.2 ns, PQFP100 High-Performance Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.2 ns, PBGA119 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 3 ns, PQFP100 Current-Mode PWM Controller 14-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current-Mode PWM Controller 8-PDIP -40 to 85 1M X 18 ZBT SRAM, 3.5 ns, PQFP100 Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 5 ns, PQFP100
|
IDT Integrated Device Technology, Inc. SRAM
|
AZ3842 AZ3842M AZ3843MM AZ3844 AZ3844MM AZ3842MM A |
CURRENT MODE PWM CONTROLLER
|
Advanced Analog Technology, Inc.
|
OB2263 |
Current Mode PWM Controller
|
On-Bright
|
MC7731N6 |
Current Mode PWM Controller
|
Cystech Electonics Corp.
|